Part Number Hot Search : 
NSG163P GCJ31 XSXR2 AK5365 SIM548 00002 HT12B MA147
Product Description
Full Text Search
 

To Download DDTA114EKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R1 = R2 SERIES) KA
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * *
Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistors, R1 = R2
IN
A OUT BC
SC-59 Dim Min 0.35 1.50 2.70 0.95 1.90 2.90 0.013 1.00 0.35 0.10 0 3.10 0.10 1.30 0.55 0.20 8 Max 0.50 1.70 3.00 A B C
M
Mechanical Data
* * * * * * * * Case: SC-59, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Diagrams & Page 2) Weight: 0.008 grams (approx.) Ordering Information (See Page 2) IN
K
GND G H
D G H J K
J
D
L
R1 R2
OUT
L M a
All Dimensions in mm
P/N DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA
R1, R2 (NOM) MARKING 2.2KW 4.7KW 10KW 22KW 47KW 100KW P04 P08 P13 P17 P20 P24
GND IN GND SCHEMATIC DIAGRAM OUT
Maximum Ratings
Supply Voltage, (3) to (1) Input Voltage, (2) to (1)
@ TA = 25C unless otherwise specified Symbol VCC DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA All Value -50 +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 -100 -100 -50 -30 -100 -20 -100 200 625 -55 to +150 Unit V
Characteristic
VIN
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range Note:
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
DS30341 Rev. 3 - 2
1 of 3
DDTA (R1 = R2 SERIES) KA
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol Vl(off) Min -0.5 Typ -1.1 Max Unit 3/4 V Test Condition VCC = -5V, IO = -100mA VO = -0.3V, IO = -20mA, DDTA123EKA VO = -0.3V, IO = -20mA, DDTA143EKA VO = -0.3V, IO = -10mA, DDTA114EKA VO = -0.3V, IO = -5mA, DDTA124EKA VO = -0.3V, IO = -2mA, DDTA144EKA VO = -0.3V, IO = -1mA, DDTA115EKA IO/Il = -10mA/-0.5mA, DDTA123EKA IO/Il = -10mA/-0.5mA, DDTA143EKA IO/Il = -10mA/-0.5mA, DDTA114EKA IO/Il = -10mA/-0.5mA, DDTA124EKA IO/Il = -10mA/-0.5mA, DDTA144EKA IO/Il = -5mA/-0.25mA, DDTA115EKA
NEW PRODUCT
Characteristic
Input Voltage
Vl(on)
3/4
-1.9
-3
Output Voltage
VO(on)
3/4
-0.1
-0.3
V
Input Current
DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA
Il
3/4
3/4
-3.8 -1.8 -0.88 mA -0.36 -0.18 -0.15 -0.5 mA
VI = -5V
Output Current
IO(off)
3/4 20 20 30 56 68 82 -30 0.8 3/4
3/4
VCC = -50V, VI = 0V VO = -5V, IO = -20mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA 3/4 3/4
DC Current Gain
Gl
3/4
3/4
3/4
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product* * Transistor - For Reference Only
DR1 R2/R1 fT
3/4 1 250
+30 1.2 3/4
% 3/4
VCE = -10V, I = 5mA, MHz f = 100MHz E
Ordering Information
Device DDTA123EKA-7 DDTA143EKA-7 DDTA114EKA-7 DDTA124EKA-7 DDTA144EKA-7 DDTA115EKA-7 Notes:
(Note 2) Packaging SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code See Sheet 1 Diagrams YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
XXX
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3 Apr 4
2004 R May 5
YM
2005 S Jun 6
2006 T Jul 7 Aug 8
2007 U Sep 9
2008 V Oct O Nov N
2009 W Dec D
DS30341 Rev. 3 - 2
2 of 3
DDTA (R1 = R2 SERIES) KA
TYPICAL CURVES - DDTA143EKA
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 Pd, POWER DISSIPATION (MILLIWATTS)
1
IC/IB = 10
200
0.1
75C -25C 25C
150
100
0.01
50
0 -50 0 50 100 150
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000
12
VCE = 10
hFE, DC CURRENT GAIN (NORMALIZED)
IE = 0mA
75C
COB, CAPACITANCE (pF)
10 8 6 4 2 0
100
25C
-25C
10
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100 IC, COLLECTOR CURRENT (mA)
75C VO = 5V 25C
VO = 0.2
-25C
Vin, INPUT VOLTAGE (V)
10
-25C
75C
1
1
25C
0.1
0.01 0 1 2 3 4 5 6 7 8 9 10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30341 Rev. 3 - 2
3 of 3
DDTA (R1 = R2 SERIES) KA


▲Up To Search▲   

 
Price & Availability of DDTA114EKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X